Part Number Hot Search : 
UF306 UL1480 2SD1889 CXD1944R D1100B32 FDLL4148 2N494C HT66F
Product Description
Full Text Search
 

To Download L6221C03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
L6221C
QUAD DARLINGTON SWITCH
.FOUR .OUTPUT .OUTPUT .VERY .TTL .I
NON INVERTING INPUTS WITH ENABLE VOLTAGE UP TO 60 V CURRENT UP TO 1.8 A LOW SATURATION VOLTAGE COMPATIBLE INPUTS NTEGRAL FAST RECIRCULATION DIODES
Multiwatt 15
Powerdip 12 + 2 + 2
DESCRIPTION The L6221 monolithic quad darlington switch is designed for high current, high voltage switching applications. Each of the four switches is controlled by a logic input and all four are controlled by a common enable input. All inputs are TTL-compatible for direct connection to logic circuits. Each switch consists of an open-collector darlington transistor plus a fast diode for switching applications with inductive device loads. The emitters of the fourswitches are commoned. Any number of inputs and BLOCK DIAGRAM
SO16 + 2 + 2
ORDERING NUMBERS :L6221C (Powerdip 12+2+2) L6221CN (Multiwatt 15 ) L6221CD (SO16+2+2)
outputs of the same device may be paralleled. Three versions are available : the L6221C mounted in a Powerdip 12 + 2 + 2 package and the L6221CN mounted in a 15--lead Multiwatt package, the L6221CD in SO16+2+2 package.
July 2003
1/15
L6221C
THERMAL DATA
Symbol Rth j-pins Rth j-case Rth j-amb Parameter Thermal Resistance Junction-pins Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Max. SO20 17 - 80 Powerdip Multiwatt15 14 - 80 - 3 35 Unit C/W C/W C/W
PIN CONNECTIONS (top views)
OUT4 CLAMPB N.C. OUT3 GND GND OUT2 N.C. CLAMPA OUT1
1 2 3 4 5 6 7 8 9 10
D95IN231
20 19 18 17 16 15 14 13 12 11
IN4 IN3 N.C. ENABLE GND GND VS N.C. IN2 IN1
L6221C (Powerdip)
L6221CD (SO20)
L6221CN (Multiwatt-15)
2/15
L6221C
ABSOLUTE MAXIMUM RATINGS
Symbol VO VS VIN , VEN IC IC IC Top Tstg Isub Ptot Output Voltage Logic Supply Voltage Input Voltage, Enable Voltage Continuous Colllector Current (for each channel) for L6221CD Collector Peak Current (repetitive, duty cycle = 10% ton = 5ms) for L6221CD Collector Peak Current (non repetitive, t = 10s) for L6221CD Operating Temperature Range (junction) Storage Temperature Range Output Substrate Current Total Power Dissipation at at at at at at Tpins = 90C (powerdip) Tcase = 90C (multiwatt) Tcase = 90C (SO20) Tamb = 70C (powerdip) Tamb = 70C (multiwatt) Tamb = 70C (SO20) Parameter Value 60 7 VS 1.8 1.2 2.5 1.7 3.2 2.2 -40 to +150 -55 to +150 350 4.3 20 3.5 1 2.3 1 Unit V V A A A A A A C C mA W W W W W W
TRUTH TABLE
Enable H H L
For each input : H = High level L = Low level X = Don't care
Input H L X
Power Out ON OFF OFF
PIN FUNCTIONS (see block diagram)
Name IN 1 IN 2 OUT 1 OUT 2 CLAMP A IN 3 IN 4 OUT 3 OUT 4 CLAMP B ENABLE VS GND Input to Driver 1 Input to Driver 2 Output of Driver 1 Output of Driver 2 Diode Clamp to Driver 1 and Driver 2 Input to Driver 3 Input to Driver 4 Output of Driver 3 Output of Driver 4 Diode Clamp to Driver3 and Driver 4 Enable Input to All Drivers Logic Supply Voltage Common Ground Function
3/15
L6221C
ELECTRICAL CHARACTERISTICS Refer to The Test Circuit to Fig.1 to Fig.9 (VS = 5V, Tamb = 25C unless otherwise specified)
Symbol VS IS ICEX VCE(sat) Parameter Logic Supply Voltage Logic Supply Current Output Leakage Current Collector Emitter Saturation Voltage (one input on; all others inputs off). VINL, VENL Input Low Voltage IINL, IENL Input Low Current VINH, VENH Input High Voltage IINH, IENH Input High Current IR VF td(on) td(off) IS Clamp Diode Leakage Current Clamp Diode Forward Voltage Turn on Delay Time Turn off Delay Time Logic Supply Current Variation All outputs ON IC = 0.7A All outputs OFF VCE = 60V VEN = VENH VIN = VINL VS = 4.5V VIN = VINH VEN = VENH IC = 1A (*) IC = 2A VIN = VINL VEN = VENL 2 VIN = VINH VEN = VENH VR = 60V VEN = VENH VIN = VINL IF = 1A IF = 2A (*) VP = 5V RL = 10 VP = 5V RL = 10 VIN = 5V VEN = 5V Iout = -500mA for Each Channel 100 100 1.8 2.2 2 5 150 Test Condition Min. 4.5 Typ. Max. 5.5 20 20 1 Unit V mA mA mA
1.4 1.85 0.8 -100
V V V A V A A V V ms s mA
(*) Only for L6221C - L6221CN types
4/15
L6221C
TEST CIRCUITS (X) = Referred to Multiwatt package X = Referred to Powerdip package Figure 1 : Logic supply current.
Set V IN = 4.5V, V EN = 0.8V, or V IN = 0.8V, V EN = 4.5V, for I S (all outputs off) Set V IN = 2V, V EN = 2V, for I S (all outputs on)
Figure 2 : Output Sustaining Voltage.
Figure 3 : Output Leakage Current.
VP = +60V
5/15
L6221C
Figure 4 : Collector-emitter Saturation Voltage. Figure 5 : Logic Input Characteristics.
Set Set Set Set
S1, S2 open, VIN, VEN = 0.8V for IIN L, IEN L S1, S2 open, VIN, VEN = 2V for IIN H, IEN H S1, S2 close, VIN, VEN = 0.8V for VIN L, VEN L S1, S2 close, VIN, VEN = 2V for VIN H, VEN H
Figure 6 : Clamp Diode Leakage Current.
Figure 7 : Clamp Diode Forward Voltage.
VP = +60V
6/15
L6221C
Figure 8 : Switching Times Test Circuit. Figure 9 : Switching TImes Waveforms.
Figure 10 : Allowed Peak Collector Current vs. Duty Cycle for 1, 2, 3 or 4 Contemporary Working Outputs (L6221C).
Figure 11 : Allowed Peak Collector Current vs. Duty Cycle for 1, 2, 3 or 4 Contemporary Working Outputs (L6221CN).
7/15
L6221C
Figure 12 : Collector Saturation Voltage vs. Collector Current. Figure 13 : Free-wheeling Diode Forward Voltage vs. Diode Current .
Figure 14 : Collector Saturation Voltage vs. Junction Temperature at I C = 1A.
Figure 15 : Free-wheeling Diode Forward Voltage vs. Junction Temperature at I F = 1A.
Figure 16 : Saturation Voltage vs. Junction Temperature at IC = 1.8A.
Figure 17 : Free-wheeling Diode Forward Voltage vs. Junction Temperature at If = 1.8A.
8/15
L6221C
Figure 18. APPLICATION INFORMATION When inductive loads are driven by L6221C/CD, a zener diode in series with the integral free-wheeling diodes increases the voltage across which energy stored in the load is discharged and therefore speeds the current decay (fig. 18). The zener has to be chosen in such a way that VCLAMP is limited to 60V taking into account the zener's voltage changes due to: spread on VZ, temperature changes, and the voltage drop due to ohmic resistance. Moreover, the instantaneous power must be limited in order to avoid the reverse second breakdown.
Figure 19 : Driver for Solenoids up to 3A.
Some care must be taken to ensure that the collectors are placed close together to avoid different current partitioning at turn-off. We suggest to put in parallel channel 1 and 4 and channel 2 and 3 as shown in figure 19 for the similar
electrical characteristics of the logic section (turn-on and turn-off delay time) and the power stages (collector saturation voltage, free-wheeling diode forward voltage).
9/15
L6221C
Figure 20 : Saturation Voltage vs. Collector Current. Figure 21 : Peak Collector Current vs. Duty Cycle for 1 or 2 Paralleled Outputs Driven (L6221N).
Figure 22 : Peak Collector Current vs. Duty Cycle for 1 or 2 Paralleled Outputs Driven (L6221CN).
10/15
L6221C
MOUNTING INSTRUCTION The Rth j-amb of the L6221C can be reduced by soldering the GND pins to a suitable copper area of the printed circuit board (Fig. 23) or to an external heatsink (Fig. 24). The diagram of figure 25 shows the maximum dissipable power Ptot and the Rth j-amb as a function of the side " " of two equal square copper areas havFigure 23 : Example of P.C. Board Copper Area Which is Used as Heatsink.
ing a thickness of 35 (1.4 mils). During soldering the pins temperature must not exceed 260 C and the soldering time must not be longer than 12 seconds. The external heatsink or printed circuit copper area must be connected to electrical ground.
Figure 24 : External Heatsink Mounting Example.
Figure 25 : Maximum Dissipable Power and Junction to Ambient Thermal Resistance vs. Side " ".
Figure 26 : Maximum Allowable Power Dissipation vs. Ambient Temperature.
11/15
L6221C
DIM. MIN. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 21.9 21.7 17.65 17.25 10.3 2.65 4.25 4.63 1.9 1.9 3.65 4.55 5.08 17.5 10.7 22.2 22.1 0.49 0.66 1.02 17.53 19.6 20.2 22.5 22.5 18.1 17.75 10.9 2.9 4.85 5.53 2.6 2.6 3.85 0.862 0.854 0.695 0.679 0.406 0.104 0.167 0.182 0.075 0.075 0.144 0.179 0.200 0.689 0.421 0.874 0.870 1.27 17.78 1 0.55 0.75 1.52 18.03 0.019 0.026 0.040 0.690 0.772 0.795 0.886 0.886 0.713 0.699 0.429 0.114 0.191 0.218 0.102 0.102 0.152 0.050 0.700 mm TYP. MAX. 5 2.65 1.6 0.039 0.022 0.030 0.060 0.710 MIN. inch TYP. MAX. 0.197 0.104 0.063
OUTLINE AND MECHANICAL DATA
Multiwatt15 V
12/15
L6221C
mm MIN. a1 B b b1 D E e e3 F I L Z 3.30 1.27 8.80 2.54 17.78 7.10 5.10 0.130 0.38 0.51 0.85 0.50 0.50 20.0 0.346 0.100 0.700 0.280 0.201 0.015 1.40 TYP. MAX. MIN. 0.020 0.033 0.020 0.020 0.787 0.055 inch TYP. MAX.
DIM.
OUTLINE AND MECHANICAL DATA
Powerdip 16
0.050
13/15
L6221C
mm DIM. MIN. A A1 B C D E e H h L K 10 0.25 0.4 2.35 0.1 0.33 0.23 12.6 7.4 1.27 10.65 0.75 1.27 0.394 0.010 0.016 TYP. MAX. 2.65 0.3 0.51 0.32 13 7.6 MIN. 0.093 0.004 0.013 0.009 0.496 0.291 0.050 0.419 0.030 0.050 TYP. MAX. 0.104 0.012 0.020 0.013 0.512 0.299 inch
OUTLINE AND MECHANICAL DATA
SO20
0 (min.)8 (max.)
L
h x 45
A B e K H D A1 C
20
11 E
1
0 1
SO20MEC
14/15
L6221C
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of L6221C03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X